Part Number Hot Search : 
LXD975A 5K4164AL CD5373B MATCHED A3935KLQ 24012 09629821 KFX863
Product Description
Full Text Search
 

To Download MAVR-000401-0287AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MA4ST400 Series
Surface Mount Hyperabrupt Varactors
Rev. V5
Features
* * * * * * * * Surface Mount Packages High Quality Factor Capacitance Ratio to 9.5:1 Tape and Reel Packaging Available SPC Monitored Ion Implantation for Excellent C-V Repeatability Singles and Common Cathode Pairs Lead-Free (RoHS Compliant) Equivalents Available with 260 C Reflow Compatibility
Configurations
Common Cathode
Single
Description
M/A-COM's MA4ST400 series are ion-implanted, hyperabrupt junction, silicon tuning varactors in the SOT-23 surface mount package. These thermal oxide passivated diodes feature high capacitance ratio and quality factor. They are well suited for octave bandwidth tuning in the HF to UHF frequency bands. The standard capacitance tolerance is 10%, with tighter tolerances available. Capacitance matching at one or more bias voltages is also available. These diodes are offered with standard Sn/Pb plating, as well as with 100% matte Sn plating on our RoHS compliant devices.
RoHS Compliant Parts 3
Part Number
MA4ST401-287T MA4ST403-287T MA4ST404-287T MA4ST405-287T MA4ST406-287T MA4ST407-287T MA4ST408-287T MA4ST409-287T
RoHs Compliant Part Number
MAVR-000401-0287AT MAVR-000403-0287AT MAVR-000404-0287AT MAVR-000405-0287AT MAVR-000406-0287AT MAVR-000407-0287AT MAVR-000408-0287AT MAVR-000409-0287AT MAVR-000401-0287FT MAVR-000403-0287FT MAVR-000404-0287FT MAVR-000405-0287FT MAVR-000406-0287FT MAVR-000407-0287FT MAVR-000408-0287FT MAVR-000409-0287FT
Configuration
Single Single Single Single Single Single Single Single Common Cathode Common Cathode Common Cathode Common Cathode Common Cathode Common Cathode Common Cathode Common Cathode
Applications
The MA4ST400 series tuning varactors are useful for octave bandwidth tuning applications in the HF through UHF ranges. Applications include VCOs and voltage tuned filters in radios, cable TV tuners and test instruments where low cost and excellent lot-tolot repeatability are critical. Linear tuning performance is available from 3 to 8 volts.
MA4ST401CK-287T MA4ST403CK-287T MA4ST404CK-287T MA4ST405CK-287T MA4ST406CK-287T MA4ST407CK-287T MA4ST408CK-287T MA4ST409CK-287T
Absolute Maximum Ratings 1,2 @ TA=+25 C (Unless Otherwise Noted)
Parameter
Reverse Voltage Forward Current Total Power Dissipation Operating Temperature Storage Temperature
Absolute Maximum
22V 50 mA 250 mW -55 C to +125 C -55 C to +125 C
1
1. Operation of this device above any one of these parameters may cause permanent damage. 2. Please refer to application note M538 for surface mounting instructions
3. Suffix refers to package style, configuration and packaging requirements. Other packages and configurations may be available upon request.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MA4ST400 Series
Surface Mount Hyperabrupt Varactors
Rev. V5
Electrical Specifications @ TA = +25 C
Breakdown Voltage @ IR = 10A, Vb = 30 V Minimum Reverse Leakage Current @ VR =20V, IR = 100 nA Maximum CT 2 Part Number Base 1 RoHS Compliant Part No. Base 1 (pF) f = 1 MHz, VR = 4.0 V Min.
MA4ST401-287T MA4ST403-287T MA4ST404-287T MA4ST405-287T MA4ST406-287T MA4ST407-287T MA4ST408-287T MA4ST409-287T MA4ST401CK-287T MA4ST403CK-287T MA4ST404CK-287T MA4ST405CK-287T MA4ST406CK-287T MA4ST407CK-287T MA4ST408CK-287T MA4ST409CK-287T MAVR-000401-0287AT MAVR-000403-0287AT MAVR-000404-0287AT MAVR-000405-0287AT MAVR-000406-0287AT MAVR-000407-0287AT MAVR-000408-0287AT MAVR-000409-0287AT MAVR-000401-0287FT MAVR-000403-0287FT MAVR-000404-0287FT MAVR-000405-0287FT MAVR-000406-0287FT MAVR-000407-0287FT MAVR-000408-0287FT MAVR-000409-0287FT 9.0 13.5 16.2 19.8 24.3 29.7 35.1 42.3 9.0 13.5 16.2 19.8 24.3 29.7 35.1 42.3
Capacitance Ratio CT2.0/CT20 Typ.
6 7 7 7.5 8 9 9.5 9.5 6 7 7 7.5 8 9 9.5 9.5
Q Factor f = 50 MHz VR = 4.0 V Min.
250 250 175 175 150 150 150 150 250 250 175 175 150 150 150 150
Nom.
10.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 10.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0
Max.
11.0 16.5 19.8 24.2 29.7 36.3 42.9 51.7 11.0 16.5 19.8 24.2 29.7 36.3 42.9 51.7
1. 2.
The suffix defines package style, configuration and packaging information. Contact representative for complete part identification. Capacitance specification is per diode
Specifications are subject to change without prior notification
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MA4ST400 Series
Surface Mount Hyperabrupt Varactors
Rev. V5
Typical Performance Curves
100
MA4ST400 Series Hyperabrupt Varactor
MA4ST401
Capacitance (pF)
MA4ST403 MA4ST404 MA4ST405
10
MA4ST406 MA4ST407 MA4ST408 MA4ST409
1 1 10 Reverse Voltage (V) 100
Tabulated Capacitance Data
Bias (V) MA4ST401 MA4ST403 MA4ST404 MA4ST405 MA4ST406 MA4ST407 MA4ST408 MA4ST409
0 1 2 3 4 5 6 8 10 12 15 20 22 30.37 20.86 16.19 12.83 9.99 7.59 5.80 3.76 2.86 2.41 2.03 1.68 1.60 47.05 32.12 24.72 19.33 14.74 10.90 8.08 4.96 3.76 3.17 2.66 2.21 2.09 59.64 40.43 30.89 24.00 18.35 13.95 10.94 7.61 6.00 5.12 4.33 3.60 3.39 69.45 47.47 36.55 28.57 21.73 15.95 11.73 7.11 5.37 4.53 3.81 3.18 3.11 86.29 58.98 45.41 35.50 27.00 19.82 14.57 8.83 6.67 5.63 4.73 3.95 3.86 105.60 72.34 55.93 44.02 33.85 25.13 18.64 11.37 8.45 7.05 5.87 4.81 4.53 124.52 85.20 65.82 51.83 39.95 29.86 22.36 13.80 10.23 8.50 7.05 5.76 5.42 150.59 103.10 79.70 62.79 48.45 36.27 27.26 17.11 12.73 10.58 8.79 7.17 6.75
Specifications are subject to change without prior notification
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MA4ST400 Series
Surface Mount Hyperabrupt Varactors
Rev. V5
Mounting Information
The illustration indicates the recommended mounting pad configuration for the SOT-23 package. Solder paste containing flux should be screened onto the pads to a thickness of 0.005- 0.007 inches. The plastic package is placed in position, firmly adhering to the solder paste. Permanent attachment is performed by a reflow soldering procedure during which the tab temperature does not exceed +275 C and the body temperature does not exceed +250 C, for standard models and +260 C for the RoHS compliant devices. Please refer to Application Note M538 for surface mounting instructions.
SOT-23
.030 min. 0.80
.035 min. 0.90 .037 0.95 0.75 1.9
.090 2.2
Dimenstions: inches mm
SOT-23 (Case Style 287)
F D A N
SOT-23 (Case Style 287)
INCHES DIM.
A B C D E F G H J K L
MILLIMETERS MIN. MAX.
1.22 0.20 1.00 0.35 0.50 0.08 0.15 2.80 3.00 1.20 1.40 0.95 typical 1.90 typical 2.60 0.60
MIN.
MAX.
M G
B K
L H J C E
0.048 0.008 0.040 0.013 0.020 0.003 0.006 0.110 0.119 0.047 0.056 0.037 typical 0.075 typical 0.103 0.024
DIM.
M N
GRADIENT
10 max. 2 . . .30
Specifications are subject to change without prior notification
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAVR-000401-0287AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X